|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BSC048N025S g opti mos ? 2 power-transistor features ? fast switching mosfet for smps ? optimized technology for notebook dc/dc converters ? qualified according to jedec 1 for target applications ? logic level / n-channel ? excellent gate charge x r ds(on) product (fom) ? very low on-resistance r ds(on) ? superior thermal resistance ? avalanche rated ? d v /d t rated ? pb-free lead plating; rohs compliant maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c 89 a t c =100 c 56 t a =25 c, r thja =45 k/w 2) 19 pulsed drain current i d,pulse t c =25 c 3) 200 avalanche energy, single pulse e as i d =50 a, r gs =25 ? 185 mj reverse diode d v /d t d v /d t i d =50 a, v ds =24 v, d i /d t =200 a/s, t j,max =150 c 6 kv/s gate source voltage v gs 20 v power dissipation p tot t c =25 c 63 w t a =25 c, r thja =45 k/w 2) 2.8 operating and storage temperature t j , t stg -55 ... 150 c iec climatic category; din iec 68-1 55/150/56 value v ds 25 v r ds(on),max 4.8 m ? i d 89 a product summary pg-tdson-8 type package marking BSC048N025S g pg-tdson-8 48n025s rev. 0.94 page 1 2006-05-10
BSC048N025S g parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 2 k/w thermal resistance, r thja minimal footprint - - 62 junction - ambient 6 cm 2 cooling area 2) --45 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =1 ma 25 - - v gate threshold voltage v gs(th) v ds = v gs , i d =35 a 1.2 1.6 2 zero gate voltage drain current i dss v ds =25 v, v gs =0 v, t j =25 c - 0.1 1 a v ds =25 v, v gs =0 v, t j =125 c - 10 100 gate-source leakage current i gss v gs =20 v, v ds =0 v - 10 100 na drain-source on-state resistance r ds(on) v gs =4.5 v, i d =30 a - 6.3 7.9 m ? v gs =10 v, i d =50 a - 4.0 4.8 gate resistance r g - 1.2 - ? transconductance g fs | v ds |>2| i d | r ds(on)max , i d =50 a 39 79 - s 3) see figure 3 1) j-std20 and jesd22 values 2) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. rev. 0.94 page 2 2006-05-10 BSC048N025S g parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2010 2670 pf output capacitance c oss - 769 1020 reverse transfer capacitance c rss - 95 142 turn-on delay time t d(on) - 5.7 8 ns rise time t r -58 turn-off delay time t d(off) -2233 fall time t f -46 gate char g e characteristics 4) gate to source charge q gs -69nc gate charge at threshold q g(th) -34 gate to drain charge q gd -47 switching charge q sw -811 gate charge total q g -1621 gate plateau voltage v plateau - 3.2 - v gate charge total, sync. fet q g(sync) v ds =0.1 v, v gs =0 to 5 v -1419nc output charge q oss v dd =15 v, v gs =0 v -1722 reverse diode diode continous forward current i s - - 50 a diode pulse current i s,pulse - - 200 diode forward voltage v sd v gs =0 v, i f =50 a, t j =25 c - 0.87 1.1 v reverse recovery charge q rr v r =15 v, i f = i s , d i f /d t =400 a/s - - 10 nc 4) see figure 16 for gate charge parameter definition t c =25 c values v gs =0 v, v ds =15 v, f =1 mhz v dd =15 v, v gs =10 v, i d =25 a, r g =2.7 ? v dd =15 v, i d =25 a, v gs =0 to 5 v rev. 0.94 page 3 2006-05-10 BSC048N025S g 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 10 s 100 s 1 ms dc 10 3 10 2 10 1 10 0 10 2 10 1 10 0 10 -1 v ds [v] i d [a] limited by on-state resistance 1 s single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 t p [s] z thjc [k/w] 0 10 20 30 40 50 60 70 0 40 80 120 160 t c [c] p tot [w] 0 20 40 60 80 100 0 40 80 120 160 t c [c] i d [a] rev. 0.94 page 4 2006-05-10 BSC048N025S g 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 3 v 3.2 v 3.4 v 3.7 v 4 v 4.5 v 10 v 0 3 6 9 12 15 18 0 25 50 75 100 i d [a] r ds(on) [m ? ] 25 c 150 c 0 40 80 120 160 200 012345 v gs [v] i d [a] 0 20 40 60 80 100 0255075 i d [a] g fs [s] 2.8 v 3 v 3.2 v 3.4 v 3.7 v 4 v 4.5 v 10 v 0 40 80 120 160 200 0123 v ds [v] i d [a] rev. 0.94 page 5 2006-05-10 BSC048N025S g 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =50 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds parameter: i d 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ 98 % 0 1.5 3 4.5 6 7.5 9 -60 -10 40 90 140 190 t j [c] r ds(on) [m ? ] 35 a 350 a 0 0.4 0.8 1.2 1.6 2 2.4 -60 -10 40 90 140 190 t j [c] v gs(th) [v] ciss coss crss 10 4 10 3 10 2 10 100 1000 10000 0102030 v ds [v] c [pf] 25 c 150 c 25 c, 98% 150 c, 98% 10 3 10 2 10 1 10 0 0 0.5 1 1.5 2 v sd [v] i f [a] rev. 0.94 page 6 2006-05-10 BSC048N025S g 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 ? v gs =f( q gate ); i d =25 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 6 v 15 v 24 v 0 2 4 6 8 10 12 0 10203040 q gate [nc] v gs [v] 20 22 24 26 28 -60 -10 40 90 140 190 t j [c] v br(dss) [v] v gs q gate v gs(th) q g(th) q gs q gd q sw q g 25 c 100 c 125 c 1 10 100 1 10 100 1000 t av [s] i av [a] rev. 0.94 page 7 2006-05-10 BSC048N025S g package outline pg-tdson-8 p-tdson-8: outline footprint dimensions in mm rev. 0.94 page 8 2006-05-10 BSC048N025S g package outline p-tdson-8: tape dimensions in mm rev. 0.94 page 9 2006-05-10 BSC048N025S g published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2006. all rights reserved. attention please! the information given in this data sheet shall in no event be r egarded as a guarantee of conditions or characteristics (beschaffenheitsgarantie). with respect to an y examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, i ncluding without limitation warranties of non-infringement of intellectual property rights of any third p arty. information for further information on technology, delivery terms and condi tions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies offi ce. infineon technologies components may only be used in life-suppo rt devices or systems with the express written approval of infineon technologies, if a failure of such compone nts can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human bo dy, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to as sume that the health of the user or other persons may be endangered. rev. 0.94 page 10 2006-05-10 |
Price & Availability of BSC048N025S |